Part Number Hot Search : 
LF9501 FQA16N50 FERP10F 1583010 STN4102 MZP4731 MAX232CW WCS1702
Product Description
Full Text Search
 

To Download CFRA107-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Efficient Fast Recovery Rectifier
CFRA101-G Thru CFRA107-G (RoHS Device)
Reverse Voltage: 50 ~ 1000 Volts Forward Current: 1.0 Amp Features:
Ideal for surface mount applications Easy pick and place Plastic package has Underwriters Lab. flammability classification 94V-0. Fast recovery time: 150 ~ 500nS Low leakage current
0.067(1.70) 0.051(1.29) 0.110(2.79) 0.086(2.18)
DO-214AC (SMA)
Mechanical Data:
Case: SMA/DO-214AC molded plastic Terminals: solderable per MIL-STD-750, method 2026 Polarity: Color band denotes cathode end Mounting position: Any Approx. Weight: 0.04 gram
0.180(4.57) 0.160(4.06) 0.012(0.31) 0.006(0.15) 0.091(2.31) 0.067(1.70) 0.059(1.50) 0.035(0.89) 0.008(0.20) 0.004(0.10)
0.209(5.31) 0.185(4.70)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characterics:
Parameter Max. Repetitive Peak Reverse Voltage Max. DC Blocking Voltage Max. RMS Voltage Peak Surge Forward Current 8.3ms single half sine-wave superimposed on rate load (JEDEC method) Max. Average Forward Current Max. Instantaneous Forward Voltage at 1.0A Reverse recovery time Max. DC Reverse Current at Rated DC Blocking Voltage Ta=25oC Ta=100oC Max. Thermal Resistance (Note1) Max. Operating Junction Temperature Storage Temperature Symbol CFRA 101-G 50 50 35 CFRA 102-G 100 100 70 CFRA 103-G 200 200 140 CFRA 104-G 400 400 280 CFRA 105-G 600 600 420 CFRA 106-G 800 800 560 CFRA 107-G 1000 1000 700 Unit V V V
VRRM VDC VRMS IFSM Io VF Trr IR R
JL
30
A
1.0 1.3 100 250 500
A V nS uA
o C/W o o
5.0 50 42 -55 to +155 -55 to +150
Tj TSTG
C C
Note1: Thermal resistance from junction to ambient.
"-G" suffix designates RoHS compliant Version www.comchiptech.com
Page1
SMD Efficient Fast Recovery Rectifier
Rating and Characteristic Curves (CFRA101-G Thru CFRA107-G)
Fig. 1 - Reverse Characteristics
1000
100
Fig.2 - Forward Characteristics
Reverse Current ( uA )
Tj=125 C
Forward current ( A )
100
10
10
1
1.0
Tj=25 C
0.1
Tj=25 C Pulse width 300uS 4% duty cycle
0.1 0
0.01
20
40
60
80
100 120
140
0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4
Percent of Rated Peak Reverse Voltage (%)
Forward Voltage(V)
Fig. 3 - Junction Capacitance
35 30
Junction Capacitance (pF)
Fig. 4 - Non Repetitive Forward Surge Current
50
Peak Surge Forward Current (A)
=1MHz and applied 4VDC reverse voltage
8.3mS Single Half Sine Wave JEDEC methode
40
25 20 15 10 5 0 0.01 0.1 1.0 10 100
30 Tj=25 C 20
10 0 1 5 10 50 1 00
Reverse Voltage (V)
Number of Cycles at 60Hz
Fig. 5 - Test Circuit Diagram and Reverse Recovery Time Characteristics
50 NONINDUCTIVE 10 NONINDUCTIVE +0.5A
Fig. 6 - Current Derating Curve
1.4
Average Forward Current ( A )
trr
| | | | | | | |
1.2 1.0 0.8 0.6 0.4 0.2 00
(+) 25Vdc (approx.) () 1 NONINDUCTIVE OSCILLISCOPE (NOTE 1) D.U.T.
() PULSE GENERATOR (NOTE 2) (+) 0 -0.25A
Single Phase Half Wave 60Hz
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF. 2. Rise Time= 10ns max., Source Impedance= 50 ohms.
-1.0A 1cm SET TIME BASE FOR 50 / 10ns / cm
25
50
75
100
125
150
175
Ambient Temperature ( C)
"-G" suffix designates RoHS compliant Version www.comchiptech.com
Page2


▲Up To Search▲   

 
Price & Availability of CFRA107-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X